Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 34Page - Renesas Technology Corp L13 Datasheet HTML 35Page - Renesas Technology Corp L13 Datasheet HTML 36Page - Renesas Technology Corp L13 Datasheet HTML 37Page - Renesas Technology Corp L13 Datasheet HTML 38Page - Renesas Technology Corp L13 Datasheet HTML 39Page - Renesas Technology Corp L13 Datasheet HTML 40Page - Renesas Technology Corp L13 Datasheet HTML 41Page - Renesas Technology Corp L13 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 38 of 42
Jan 31, 2014
4.2
Note of Debugging
- Operation after target system power application
After power application, a program will be executed for the target device mounted in the target system when
reset is released.
However, with the QB-RL78L1C, the program does not start until an operation to start
execution is performed after the program is downloaded using the debugger.
- Relation between Standby function and Break function
The break is interrupt function of CPU. The standby mode is released by the break for using the following
debug function.
- Forced break function.
- Step execution of the standby instruction (Stops user program after executing instruction)
- Pseudo real-time RAM monitor function (Break When Readout)
- Pseudo Dynamic Memory Modification function (Break When Write)
- Breakpoint setting during executing of the user program.
- Invalid memory access detection function (IAW)
The behavior when detecting an invalid memory access is different between target device and emulator.
Target device :
Reset
QB-RL78L1C :
Fail-safe break
- CRC calculation function
When using the CRC calculation function, do not set software breaks. Differing calculation results will be output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com