Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 17Page - Renesas Technology Corp L13 Datasheet HTML 18Page - Renesas Technology Corp L13 Datasheet HTML 19Page - Renesas Technology Corp L13 Datasheet HTML 20Page - Renesas Technology Corp L13 Datasheet HTML 21Page - Renesas Technology Corp L13 Datasheet HTML 22Page - Renesas Technology Corp L13 Datasheet HTML 23Page - Renesas Technology Corp L13 Datasheet HTML 24Page - Renesas Technology Corp L13 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 21 of 42
Jan 31, 2014
Figure 2-1.
Acrylic Board Removal Method
As an oscillator
Note to be mounted in the OSC1 socket in the emulator, use the one that satisfies the following
specifications.
- Supply voltage: 5.0 V
- Output level: CMOS
Note
An oscillation circuit that uses a resonator cannot be used.
Figure 2-2.
Oscillator Shape
Figure 2-3.
Mapping of Oscillator to Socket
Remark
Insert the oscillator into the socket, take care for the pin 1 position.
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com