Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 19Page - Renesas Technology Corp L13 Datasheet HTML 20Page - Renesas Technology Corp L13 Datasheet HTML 21Page - Renesas Technology Corp L13 Datasheet HTML 22Page - Renesas Technology Corp L13 Datasheet HTML 23Page - Renesas Technology Corp L13 Datasheet HTML 24Page - Renesas Technology Corp L13 Datasheet HTML 25Page - Renesas Technology Corp L13 Datasheet HTML 26Page - Renesas Technology Corp L13 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 23 of 42
Jan 31, 2014
2.3
Mounting and Connecting Connectors
This section describes the methods of connecting the QB-RL78L1C and target system.
Make connections with both the QB-RL78L1C and target system powered OFF.
The following abbreviations are used in this section:
- NQ: Target connector
- YQ: YQ connector
- EA: Exchange adapter
- MA: Mount adapter
- CA: Check pin adapter
- SA: Space adapter
2.3.1
Mounting NQ to target system
(1) Thinly apply a two-component epoxy adhesive (hardening time at least 30 minutes) to the ends of the four
projections on the base of the NQ and adhere the NQ to the user board (clean the surface of the target system
board using alcohol or the like).
If alignment of target system pads to NQ leads is difficult, align them as in (2).
(2) Align by inserting the guide pins for alignment for the NQ (NQGUIDE) through the pin holes on the top of the
NQ. Accessory holes are
φ1.0 mm non-through holes in two or three places.
(For hole positions, see the particular NQ drawing.)
(3) Solder after fitting the MA to the NQ.
This is to prevent troubles such as flux or solder splashing and adhering
to the NQ contact pins when soldering.
- Soldering conditions
Solder reflow
260°C
× 10 seconds or less
Manual soldering
350°C
× 5 seconds or less (1 pin)
Caution
Do not perform washing by flux immersion or vapor.
(4) Take away the guide pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com