Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 29Page - Renesas Technology Corp L13 Datasheet HTML 30Page - Renesas Technology Corp L13 Datasheet HTML 31Page - Renesas Technology Corp L13 Datasheet HTML 32Page - Renesas Technology Corp L13 Datasheet HTML 33Page - Renesas Technology Corp L13 Datasheet HTML 34Page - Renesas Technology Corp L13 Datasheet HTML 35Page - Renesas Technology Corp L13 Datasheet HTML 36Page - Renesas Technology Corp L13 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 33 of 42
Jan 31, 2014
- Change the positive reference voltage on the A/D converter
When change the positive reference voltage, after setting ADREFP1 and ADREFP0,
stabilization wait time of
emulator is different from that of the target device.
Table 4-1 Target devices and stabilization wait time of QB-RL78L1C
ADM2 register ( value after change )
stabilization wait time
ADREFP1
ADREFP0
Target devices
RL78/L1C
Target devices
RL78/L13
QB-RL78L1C
1
0
10
μs
5
μs
1ms
0
0
1
μs
No
1ms
0
1
1
μs
No
1ms
- P122 input characteristics
The P122 input characteristics differ between the target device and the emulator.
Table 4-2. Input Characteristics of P122 Pins
Item
Input Characteristics of P122 Pins
Target device
RL78/L1C
VIH MIN
0.8VDD(1.6V
≤ VDD ≤ 3.6V)
VIL MAX
0.2VDD(1.6V
≤ VDD ≤ 3.6V)
Target device
RL78/L13
VIH MIN
0.8VDD(1.6V
≤ VDD ≤ 5.5V)
VIL MAX
0.2VDD(1.6V
≤ VDD ≤ 5.5V)
QB-RL78L1C
VIH MIN
0.7VDD(2.7V
≤ VDD ≤ 5.5V)
0.8VDD(1.6V
≤ VDD < 2.7V)
VIL MAX
0.3VDD(2.7V
≤ VDD ≤ 5.5V)
0.2VDD(1.6V
≤ VDD < 2.7V)
- Power-on-reset (POR) voltage value
The power-on-reset (POR) voltage value differs from that of the target device.
Table 4-3.
Power-on-reset (POR) voltage value
Item
MIN.
TYP.
MAX.
Target device
POR
1.47 V
1.51 V
1.55V
PDR
1.46 V
1.50 V
1.54V
QB-RL78L1C
POR
-
1.54 V
-
PDR
-
1.47 V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com