Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 15Page - Renesas Technology Corp L13 Datasheet HTML 16Page - Renesas Technology Corp L13 Datasheet HTML 17Page - Renesas Technology Corp L13 Datasheet HTML 18Page - Renesas Technology Corp L13 Datasheet HTML 19Page - Renesas Technology Corp L13 Datasheet HTML 20Page - Renesas Technology Corp L13 Datasheet HTML 21Page - Renesas Technology Corp L13 Datasheet HTML 22Page - Renesas Technology Corp L13 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 19 of 42
Jan 31, 2014
2.1
Software Settings
Check the user's manual for the debugger that will be used.
2.2
Clock Settings
The QB-RL78L1C clock must be set to the clock used by the target device. For details about how to set the clock,
check the user's manual for the debugger that will be used.
QB-RL78L1C clock settings for the clock used by the target device are shown below.
Oscillation with the resonator on the target system is not supported.
Therefore, the in-circuit emulator cannot
emulate the oscillation operation of the clock on the target system.
Table 2-1.
List of clock settings
Clock Used
Clock Supply
(1) High-speed system clock
(X1 oscillator or External input)
(a) When the clock generated within the emulator is used
(b) When the clock (a square wave) is supplied from the
target system
(c) When the oscillator (OSC1) mounted onto the emulator
is used
(2) Internal high-speed
oscillation clock
Uses the clock internally generated from the emulator
(3) Internal low-speed
oscillation clock
Uses the clock internally generated from the emulator
(4) Subsystem clock
(XT1 oscillator or External
input)
(a) When the clock generated within the emulator is used
(b) When the clock (a square wave) is supplied from the
target system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com