Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 28Page - Renesas Technology Corp L13 Datasheet HTML 29Page - Renesas Technology Corp L13 Datasheet HTML 30Page - Renesas Technology Corp L13 Datasheet HTML 31Page - Renesas Technology Corp L13 Datasheet HTML 32Page - Renesas Technology Corp L13 Datasheet HTML 33Page - Renesas Technology Corp L13 Datasheet HTML 34Page - Renesas Technology Corp L13 Datasheet HTML 35Page - Renesas Technology Corp L13 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 32 of 42
Jan 31, 2014
CHAPTER 4
CAUTIONS
4.1
Cautions Regarding Differences Between Target Device and QB-RL78L1C
When debugging is performed by connecting the QB-RL78L1C to the target system, the QB-RL78L1C emulates the
target device as if it operates in the target system.
However, the target device and the QB-RL78L1C operate differently
in the following ways.
Consequently, the target device should be used for final evaluation before launching mass
production, and the customer is to be responsible for judging the appropriateness of applying the QB-RL78L1C.
- On-chip debug function
The on-chip debug function cannot be emulated.
- Oscillator
The QB-RL78L1C does not support clock input by an oscillator in the target system.
Consequently, the
operation clock frequency when the target device is mounted in the target system may differ from the operation
clock frequency when the QB-RL78L1C is connected.
- Pin characteristics
The pin characteristics of the QB-RL78L1C slightly differ when the target device is mounted to the target system,
because a connector, adapter, emulation probe, and circuit board exist between the QB-RL78L1C and the target
system.
In particular, note that the A/D converter conversion results are commonly-affected.
- Current consumption
The current consumption of the QB-RL78L1C differs from that of the target device.
The maximum current consumption is around 180 mA. In the same manner, the current consumption in standby
mode also differs from that of the target device.
- A/D conversion error around 0[V] and 5.5[V]
A/D conversion error around 0[V] and 5.5[V] on QB-RL78L1C is large.
When A/D input voltage is 0.1[V] and lower or 5.36[V] and higher, use on-chip debugger or actual equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com