Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM7372IMA Datasheet HTML 1Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 2Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 3Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
±15V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
2.0
8.0
mV
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
2.7
10
µA
12
IOS
Input Offset Current
0.1
4.0
µA
6.0
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
M
Ω
RO
Open Loop Output Resistance
15
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±10V
75
93
dB
70
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
90
dB
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±13
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
75
85
dB
70
RL = 100Ω
70
81
dB
66
VO
Output Swing
RL = 1kΩ
13
13.4
V
12.7
−13
−13.3
V
−12.7
IOUT = − 150mA
11.8
12.4
V
11.4
IOUT = 150mA
−11.2
−11.9
V
−10.8
ISC
Output Short Circuit Current
Sourcing
260
mA
Sinking
250
mA
IS
Supply Current (both Amps)
13
17
mA
19
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±
10V. For VS = ±5V, VOUT = ±2V
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com