Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 11Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 12Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 13Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 14Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 15Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 16Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 17Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
16-PIN SURFACE
MOUNT
L*
H*
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
The required signal swing can be reduced by using a step-up transformer to drive the line. For example a 1:2
ratio will reduce the peak swing requirement by half, and this would allow the supply to be reduced by a
corresponding amount. This is not recommended for the LM7372 in this particular application for two reasons.
Although the quiescent power contribution to the overall dissipation is reduced by about 150mW, the internal
power dissipation to drive the load remains the same, since the load for each amplifier is now 25
Ω instead of
100
Ω. Furthermore, this is a transceiver application where downstream signals are simultaneously appearing at
the transformer secondary. The down stream signals appear differentially across the back termination resistors
and are now stepped down by the transformer turns ratio with a consequent loss in receiver sensitivity compared
to using a 1:1 transformer. Any trade-off to reduce the supply voltage by an increase in turns ratio should bear
these factors in mind, as well as the increased signal current levels required with lower impedance loads.
At an elevated ambient temperature of 85°C and with an average power dissipation of 464mW, a package
thermal resistance between 60°C/W and 80°C/W will be needed to keep the maximum junction temperature in
the range 110°C to 120°C. The SO PowerPAD package would be the package of choice here with ample board
copper area to aid in heat dissipation (see Table 2).
For most standard surface mount packages, 8-Pin SOIC, 14-Pin SOIC, 16-Pin SOIC etc, the only means of heat
removal from the die is through the bond wires to external copper connecting to the leads. Usually it will be
difficult to reduce the thermal resistance of these packages below 100°C/W by these methods and several
manufacturers, including Texas Instruments, offer package modifications to enhance the thermal characteristics.
Figure 26. Copper Heatsink Patterns
The LM7372 is available in the 16-Pin SOIC package. Since only 8 pins are needed for the two operational
amplifiers, the remaining pins are used for heat sink purposes. Each of the end pins, 1,8,9 & 16 are internally
bonded to the lead frame and form an effective means of transferring heat to external copper. This external
copper can be either electrically isolated or be part of the topside ground plane in a single supply application.
Figure 26 shows a copper pattern which can be used to dissipate internal heat from the LM7372. Table 1 gives
some values of
θJA for different values of L and H with 1oz copper.
Table 1. 16-Pin SOIC Thermal Resistance with Area of Cu
L (in)
H (in)
θJA (°C/W)
1
0.5
83
2
1
70
3
1.5
67
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com