Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7372IMA Datasheet HTML 1Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 2Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 3Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
±15V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
SR
Slew Rate(3)
AV = +2, VIN 13VP-P
3000
V/µs
AV = +2, VIN 10VP-P
2000
Unity Bandwidth Product
120
MHz
−3dB Frequency
AV = +2
220
MHz
φm
Phase Margin
AVOL = 6dB
70
deg
tS
Settling Time (0.1%)
AV = −1, AO = ±5V,
50
ns
RL = 500Ω
tP
Propagation Delay
AV = −2, VIN = ±5V,
6.0
ns
RL = 500Ω
AD
Differential Gain(4)
0.01
%
φD
Differential Phase(4)
0.02
deg
hd2
Second Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−80
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−73
dBc
hd3
Third Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−91
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−67
dBc
IMD
Intermodulation Distortion
Fin 1 = 75kHz,
−87
dBc
Fin 2 = 85kHz
VOUT = 16.8VP-P, RL = 100Ω
en
Input-Referred Voltage Noise
f = 10kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10kHz
1.5
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Slew Rate is the average of the rising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and output is 150Ω terminated.
±5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
2.2
8.0
mV
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
3.3
10
µA
12
IOS
Input Offset Current
0.1
4
µA
6
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
M
Ω
RO
Open Loop Output Resistance
15
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
70
90
dB
65
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
90
dB
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±3
V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com