Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 9Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 11Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 12Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
0
0.5
1.0
1.5
2.0
2.5
COPPER AREA (in
2
)
20
30
40
50
60
70
80
90
100
0.5 oz
1.0 oz
2.0 oz
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±5V
RL = 100
GAIN = +2
GAIN = +8
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±12V
RL = 100
GAIN = +2
GAIN = +8
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±15V
RL = 100
GAIN = +2
GAIN = +8
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Frequency Response
Frequency Response
Figure 16.
Figure 17.
Frequency Response
Small Signal Pulse Response
Figure 18.
Figure 19.
Large Signal Pulse Response
Thermal Performance of 8ld-SO PowerPAD
Figure 20.
Figure 21.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com