Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 12Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 13Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 14Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 15Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 16Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 17Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 18Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 19Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
1
10
100
FREQUENCY (MHz)
1
10
100
1000
10V supply (1 amplifier)
10V supply (2 amplifiers)
30V supply
(1 amplifier)
30V supply
(2 amplifiers)
8-Pin SO PowerPAD
= 47°C/W
T = 85°C
T = 140°C
q
JA
A
J
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Figure 27. Power Supply Current Increase
Figure 27 shows that there could be 1mA or more excess supply current per amplifier with close to full output
swing (24VPP) when frequency is just above 1MHz (or at higher frequencies when the output swing is less). This
boost in supply current enables the output to “keep up” with high frequency/large signal output swing, but in turn,
increases the total package power dissipation and therefore raises the device junction temperature. As a
consequence, these demanding applications, especially ones which run at higher supply voltages, need special
attention to the package heatsink design. For that reason, Figure 27 has the safe operating limits for the 8-Pin
SO PowerPAD package (e.g. “30V supply (2 amplifiers)” horizontal line) superimposed on top of it (with TJ limit of
140°C when operated at 85°C ambient), so that the designer can readily decide whether or not there is need for
additional heat sinking.
For example, if the LM7372 is operating similarly to Figure 1 schematic with a single power supply of 10V,
Figure 27 shows that it is safe to have up to 10VPP output swing at up to 40MHz with no additional heat sinking.
This determination is from inspection of Figure 27 where the “10V supply (2 amplifiers)” safe operating limit
intercepts the 10VPP swing graph at around 40MHz. Use the “10V supply (1 amplifier)” safe operating limit line in
cases where the second amplifier in the LM7372 package does not experience high frequency/high output swing
conditions.
At any given “IS increase” value (y axis), the product of frequency and output swing remains essentially constant
for all output swing plots. This holds true for the lower frequency range before the plots experience a slope
increase. Therefore, if the application example just discussed operates up to 60MHz instead, it is possible to
calculate the junction-temperature-limited maximum output swing of 6.7VPP(= 40MHz x 10VPP/60MHz) instead.
Please note that Figure 27 precludes any additional amplifier power dissipation related to load (this topic is
discussed below in detail). This load current, if large enough, will reduce the operating frequency/output swing
further. It is important to note that the LM7372 can be destroyed if it is allowed to dissipate enough power that
compromises its maximum junction temperature limit of 150°C.
With the op amp tied to a load, the device power dissipation consists of the quiescent power due to the supply
current flow into the device, in addition to power dissipation due to the load current. The load portion of the
power itself could include an average value (due to a DC load current) and an AC component. DC load current
would flow if there is an output voltage offset, or the output AC average current is non-zero, or if the op amp
operates in a single supply application where the output is maintained somewhere in the range of linear
operation. Therefore:
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com