Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 9Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 11Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 12Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 13Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
-200
-100
0
100
200
OUTPUT CURRENT (mA)
-20
-10
0
10
20
NEGATIVE OUTPUT
POSITIVE OUTPUT
VS = ±15V
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±5V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
-40
25
85
125
TEMPERATURE (°C)
0
0.5
1
1.5
2
2.5
3
VS = ±15V
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Harmonic Distortion vs
Input Bias Current (µA) vs
Frequency
Temperature
Figure 22.
Figure 23.
Output Voltage vs
Output Current
Figure 24.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com