Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372IMA
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMA Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM7372IMA Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 9Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 10Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 11Page - National Semiconductor (TI) LM7372IMA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 1MHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 100kHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12V
AV = 2
VO = 2VP-P
f = 100kHz
HD2
HD3
-40
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12v
AV = 2
VO = 2VP-P
f = 1MHz
HD2
HD3
20
1
10
OUTPUT VOLTAGE (VP-P)
-120
-100
-80
-60
VS = ±12V
AV = 2
RL = 100
f = 100kHZ
HD2
HD3
-50
20
1
10
OUTPUT VOLTAGE (VP-P)
-110
-90
-70
VS = ±12V
AV = 2
RL = 100
f = 1MHZ
HD2
HD3
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Harmonic Distortion vs
Harmonic Distortion vs
Output Level
Output Level
Figure 10.
Figure 11.
Harmonic Distortion vs
Harmonic Distortion vs
Load Resistance
Load Resistance
Figure 12.
Figure 13.
Harmonic Distortion vs
Harmonic Distortion vs
Load Resistance
Load Resistance
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com