Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5231-3GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Stability Considerations
The output capacitor helps determine three main charac-
teristics of a linear regulator: startup, transient response
and stability.
Startup is affected because the output capacitor must be
charged. At initial startup, the VIN supply may not be pre-
sent, and the output capacitor will be charged through the
PFET. The PFET will initially provide current to the load
through its body diode. The diode will act as a voltage fol-
lower until sufficient voltage is present to turn the FET on.
Since most commercial power supplies have a fairly low
ramp rate, charging through the body diode should effec-
tively limit in-rush current to the capacitor.
During normal operation, transient load current require-
ments will be satisfied from the charge stored in the output
capacitor until either the linear regulator or the auxiliary
supply can respond. Larger values of capacitance will
improve transient response, but will also cost more. A lin-
ear regulator will respond within microseconds, where an
external power supply may take milliseconds to react. The
output capacitance will provide the difference in current
until this occurs. The result will be an instantaneous volt-
age change at the output. This change is the product of the
current change and the capacitor ESR:
Application Information: continued
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.30
Figure 3b. Power-down, VAUX = 3.135V. The difference in voltage is
now IOUT × RDS(ON) plus the difference in supply voltages (3.30 -VAUX).
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.465
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.135V
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.135
Figure 4a. Power-up, VAUX = 3.465V. IOUT × RDS(ON) is compensated by
the higher value of VAUX
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.465
Figure 2b. Power-down, VAUX = 3.30V. Again, note ∆V= IOUT RDS(ON) ≈
130mV.
Figure 3a. Power-up, VAUX = 3.135V. The “oscillatory performance”
mode lasts longer because the difference between VAUX and 3.30 is
greater.
Figure 4b. Power-down, VAUX = 3.465V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com