Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 11 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 11Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
PACKAGE DIMENSIONS IN mm (INCHES)
11
Rev. 3/31/99
Package Specification
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS5231-3GDP5
5 Lead D2PAK
CS5231-3GDPR5
5 Lead D2PAK (tape & reel)
© 1999 Cherry Semiconductor Corporation
Thermal Data
5Lead
D2PAK
RΘJC
typ
2.5
˚C/W
RΘJA
typ
10-50*
˚C/W
*Depending on thermal properties of substrate. RΘJA = RΘJC + RΘCA
5 Lead D2PAK (DP)
1.70 (.067) REF
0.10 (.004)
0.00 (.000)
10.31 (.406)
10.05 (.396)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
.254 (.010) REF
2.79 (.110)
2.29 (.090)
15.75 (.620)
14.73 (.580)
8.53 (.336)
8.28 (.326)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com