Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5231-3GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
500mA, 3.3V Linear Regulator
with Auxiliary Control
CS5231-3
Description
Block Diagram
1
1
1. No Connect
2. VIN
3. Gnd
4. VOUT
5. AuxDrv
Tab = Gnd
A
Company
®
Rev. 3/31/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
Consult factory for other package
options.
The CS5231-3 combines a three-
terminal linear regulator with cir-
cuitry to control an external PFET
transistor with the intent of manag-
ing two input supplies. A 5V sup-
ply powers the regulator while an
auxiliary 3.3V supply is controlled
by the IC. The design has been opti-
mized to provide a “glitch-free”
transition between the two sup-
plies.
The CS5231-3 linear regulator pro-
vides a fixed 3.3V output @ 500mA
with an overall accuracy of ± 2%.
The NPN-PNP composite pass tran-
sistor provides a low dropout volt-
age and requires less supply cur-
rent than PNP designs. Full protec-
tion including current limit and
thermal shutdown is provided.
Also designed for low reverse cur-
rent, the IC prevents excessive cur-
rent from flowing from the output
to ground if the regulator input
voltage is lower than the output
voltage.
The CS5231-3 also controls an auxil-
iary supply that can provide power
to the regulator output when input
voltage for the regulator is not
available. The AuxDrv auxiliary
output is normally pulled up to the
regulator input voltage and drives
low whenever the input voltage
drops below 4.4V (nominal). It is
typically used to control a PFET
switch that connects a 3.3V auxil-
iary supply to the regulator output.
The CS5231-3 is available in a
5-lead D2PAK (TO-263) package.
Applications include Network
Interface Cards (NICs), modem
cards and power supplies with
multiple input sources.
Linear Regulator
s 3.3V ± 2% Output Voltage
s 3mA Quiescent Current
@ 500mA
s Fast Transient Response
s Current Limit
s Thermal Shutdown with
Hysteresis
s 450µA Reverse Output
Current
s Fast Transient Response
System Power Management
s Auxiliary Supply Control
−
−
+
Internal
Bias
Bandgap
Reference
Thermal
Shutdown
Current
Limit
VIN
10kΩ
50kΩ
AuxDrv
Gnd
VIN UV
Comparator
VREF
Error
Amp
Shutdown
VOUT
Package Options
5 Lead D2PAK


Similar Part No. - CS5231-3GDPR5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5231-3GDPR5 ONSEMI-CS5231-3GDPR5 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
More results

Similar Description - CS5231-3GDPR5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
logo
Linear Technology
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
500mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com