Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS5231-3GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Typical Performance Characteristics: continued
Load Current (A)
2.6
2.4
2.2
2.0
1.8
1.6
0.0
0.2
0.4
TJ = 0°C
IGnd @ 0°C
TJ = 27°C
IGnd @ 27°C
TJ = 125°C
IGnd @ 125°C
Ground Current vs. Load Current
Temperature (C)
5.000
4.800
4.600
4.400
4.200
4.000
0
20
40
60
80
100
120
140
AuxDrv Current Limit vs. Junction Temperature
IOUT (A)
3
2
1
0
0.0
0.2
0.4
125°C
27°C
0°C
0.6
0.8
1.0
VOUT vs. IOUT Over Temperature
Junction Temperature (C)
4.520
4.500
4.480
4.460
4.440
4.420
4.400
4.380
0
20
40
60
80
100
120
140
VIN Turn-on
Threshold
VIN Turn-on
Threshold
VIN Thresholds vs. Junction Temperature
6.0
5.0
4.0
3.0
2.0
1.0
0.0
10
100
1000
7.0
Capacitance ESR(Ω)
Region of Stable Operation
3.400
3.300
3.200
500mA
10mA
Time, 5µs per division
CIN = 33µF
COUT = 33µF
VIN = 5.00V
Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com