Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5231-3GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Theory of Operation
The CS5231-3 is a fixed 3.3V linear regulator that contains
an auxiliary drive control feature. When VIN is greater than
the typical 4.5V threshold, the IC functions as a linear regu-
lator. It provides up to 500mA of current to a load through
a composite PNP-NPN pass transistor. An output capacitor
greater than 10µF with equivalent series resistance less
than 1Ω is required for compensation. More information is
provided in the Stability Considerations section.
The CS5231-3 provides an auxiliary drive feature that
allows a load to remain powered even if the VIN supply for
the IC is absent. An external p-channel FET is the only
additional component required to implement this function
if an auxiliary power supply is available. The PFET gate is
connected to the AuxDrv lead. The PFET drain is connect-
ed to the auxiliary power supply, and the PFET source is
connected to the load. The polarity of this connection is
very important, since the PFET body diode will be connect-
ed between the load and the auxiliary supply. If the PFET
is connected with its drain to the load and its source to the
supply, the body diode will be forward-biased if the auxil-
iary supply is turned off. This will result in the linear regu-
lator providing current to everything on the auxiliary sup-
ply rail.
The AuxDrv lead is internally connected to a 10kΩ resistor
and to a saturating NPN transistor that acts as a switch. If
the VIN supply is off, the AuxDrv output will connect the
PFET gate to ground through the 10kΩ resistor, and the
PFET will conduct current to the load.
As the VIN supply begins to rise, the AuxDrv lead will also
rise until it reaches a typical voltage of about 650mV. The
NPN transistor connected to the AuxDrv lead will saturate
at this point, and the gate of the PFET will be pulled down
to a typical voltage of about 100mV. The PFET will contin-
ues to conduct current to the load.
The VIN supply voltage will continue to rise, but the linear
regulator output is disabled until VIN reaches a typical
threshold of 4.5V. During this time, the load continues to
be powered by the auxiliary driver. Once the 4.5V VIN
threshold is reached, the saturating NPN connected to the
AuxDrv lead turns off. The on-chip 10kΩ pull-up resistor
will pull the PFET gate up to VIN, thus turning the PFET
off. The linear regulator turns on at the same time. An
external compensation capacitor is required for the linear
regulator to be stable, and this capacitance also serves as a
charge reservoir to minimize any “glitching” that might
result during the supply changeover. Hysteresis is present
in the AuxDrv circuitry, requiring VIN to drop by 100mV
(typical) after the linear regulator is providing power to the
load before the AuxDrv circuitry can be re-enabled.
5
Application Information
VIN
VOUT
VAUXDRV
IOUT = STARTUP 375mA
Figure 1. Initial power-up, VAUX not present ROUT = 8.8Ω.
Application Circuit
+5V PCI
C1
33µF
VIN
Gnd
VOUT
AuxDrv
CS5231-3
M1
+3.3V VAUX
C1
33µF
C3
33µF
ASIC
VDD
*indicates PFET body diode
VIN
VOUT
VAUXDRV
IOUT = 375mA VAUX = 3.30V
Figure 2a. Power-up, VAUX = 3.30V. Note the “oscillatory performance”
as the linear regulator charges the VOUT node. IOUT × RDS(ON) ≈ 130mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com