Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 11Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Circuit Bill of Materials
Application Circuit Characteristics: continued
Refdes
Description
Part Number
Manufacturer
Contact Information
C1, C2
33µF, 16V tantalum capacitors
TAJ336K016
AVX Corp
www.avxcorp.com
1-843-448-9411
Q1
p-channel FET transistor
MGSF1P02ELT1
Motorola
www.mot-sps.com
U1
Linear regulator with auxiliary
CS5231-3DPS
Cherry Semiconductor
www.cherry-sem.com
1-800-272-3601
T1-T6
Turret pins
40F6023
Newark Electronics
www.newark.com
1-800-463-9275
10
Test Descriptions
The startup and supply transition waveforms shown in fig-
ures 1 through 4b were obtained using the application cir-
cuit board with a resistive load of 8.8Ω. This provides a DC
load of 375mA when the regulated output voltage is 3.3V.
A standard 2A bench supply was used to provide power to
the application circuit. The transient response waveforms
shown in the Typical Performance Characteristics section
were obtained by switching a 6.3Ω resistor across the out-
put.
Temperature Performance
The graph below shows thermal performance for the
CS5231-3 across the normal operating output current range.
Figure 7: Package Temperature vs Load Current (VIN = 5V, TA =23 C°)
PFET RDS(ON) Performance
The graph provided below show typical RDS(ON) perfor-
mance for the PFET. The data is provided as VDS vs IOUT
for different values of VAUX.
Figure 8: PFET Vds vs IOUT
140
120
100
80
60
40
0
100
200
300
400
500
IOUT (mA)
160
20
0
VAUX = 3.465V
VAUX = 3.135V
VAUX = 3.300V
50
45
40
35
30
25
0
50
100
150
200
250
300
350
400
450
500
Load Current (mA)
20
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com