Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3GDPR5 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5231-3GDPR5
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3GDPR5 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5231-3GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5231-3GDPR5 Datasheet HTML 11Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PC board by soldering both tab and leads will provide
superior performance with no PC board area penalty.
Description
The CS5231-3 application circuit has been implemented as
shown in the following pages. The schematic, bill of mate-
rials and printed circuit board artwork can be used to build
the circuit. The design is very simple and consists of two
capacitors, a p-channel FET and the CS5231-3. Five turret
pins are provided for connection of supplies, meters, oscil-
loscope probes and loads. The CS5231-3 power supply
management solution is implemented in an area less than
1.5 square inches. Due to the simplicity of the design, out-
put current must be derated if the CS5231-3 is operated at
VIN voltages greater than 7V. Figure 15 provides the derat-
ing curve on a maximum power dissipation if heatsink is
added. Operating at higher power dissipation without
heatsink may result in a thermal shutdown condition.
Figure 6: Demo Board Output Current Derating vs VIN
The VIN Connection
The VIN connection is denoted as such on the PC board.
The maximum input voltage to the IC is 14V before dam-
age to the IC is possible. However, the specification range
for the IC is 4.75V < VIN < 6V.
The Gnd Connection
The Gnd connection ties the IC power return to two turret
pins. The extra turret pin provides for connection of multi-
ple instrument grounds to the demonstration board.
The AuxDrv Connection
The AuxDrv lead of the CS5231-3 is connected to the gate
of the external PFET. This connection is also brought to a
turret pin to allow easy connection of an oscilloscope probe
for viewing the AuxDrv waveforms.
The VAUX Connection
The VAUX turret pin provides a connection point between
an external 3.3V supply and the PFET drain.
The VOUT Connection
The VOUT connection is tied to the VOUT lead of the
CS5231-3 and the PFET source. This point provides a con-
venient point at which some type of lead may be applied.
Application Circuit Schematic
PC Board Layout Artwork
The PC board is a single layer copper design. The layout
artwork is reproduced at actual size below.
Top Copper Layer
Top Silk Screen Layer
AUX.DRV
AUX3.3V
VOUT 3.3V
GND
GND
VIN 5V
2"
1.5"
2"
1.5"
C1
VIN TP1
GND
TP2
TP3
TP5
TP6
AUXDRV
C2
VIN
GND
AUXDRV
VOUT
CS5231-3
Q1
TP4
+3.3V VAUX
U1
600
500
400
300
200
100
0
56
7
8
9
10
11
12
13
14
VIN(VOLTS)
Application Circuit Characteristics
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com