Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4953 Datasheet HTML 1Page - Cirrus Logic CS4953 Datasheet HTML 2Page - Cirrus Logic CS4953 Datasheet HTML 3Page - Cirrus Logic CS4953 Datasheet HTML 4Page - Cirrus Logic CS4953 Datasheet HTML 5Page - Cirrus Logic CS4953 Datasheet HTML 6Page - Cirrus Logic CS4953 Datasheet HTML 7Page - Cirrus Logic CS4953 Datasheet HTML 8Page - Cirrus Logic CS4953 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4952/53
NTSC/PAL Digital Video Encoder
Features
l Simultaneous composite and S-video output
l Supports RS170A and CCIR601 composite
output timing
l Multi-standard support for NTSC-M, PAL (B, D,
G, H, I, M, N, Combination N)
l Optional progressive scan @ MPEG2 field rates
l CCIR656 input mode supporting EAV/SAV
codes and CCIR601 Master/Slave input modes
l Stable color subcarrier for MPEG2 systems
l NTSC closed caption encoder with interrupt
l Supports Macrovision copy protection in
CS4953 version
l Host interface configurable for parallel or I2C
compatible operation
l General purpose input and output pins
l Individual DAC power-down capability
l On-chip voltage reference generator
l On-chip color bar generator
l +5 volt only, CMOS, low power modes, tri-state
DACs
Description
The CS4952/3 provides full conversion from YCbCr or
YUV digital video formats into NTSC & PAL Composite
and Y/C (S-video) analog video. Input formats can be
27 MHz 8-bit YUV, 8-bit YCbCr, or CCIR656 with sup-
port for EAV/SAV codes. Output video can be formatted
to be compatible with NTSC-M, or PAL B,D,G,H,I,M,N,
and Combination N systems. Also supported is NTSC
line 21 and line 284 closed captioning encoding.
Four 9-bit DACs provide two channels for an S-Video out-
put port and two composite video outputs. 2x oversampling
reduces the output filter requirements and guarantees
no DAC related modulation components within the spec-
ified bandwidth of any of the supported video standards.
Parallel or high speed I2C compatible control interfaces
are provided for flexibility in system design. The parallel
interface doubles as a general purpose I/O port when the
CS4952/3 is in I2C mode to help conserve valuable
board area.
ORDERING INFORMATION
CS4952/3-CL 44 pin PLCC
CS4952/3-CQ 44 pin TQFP
CLK
SCL
SDA
PDAT[7:0]
RD*
WR*
ADDR
XTAL
VD[7:0]
HSYNC*
VSYNC*
FIELD
INT
RESET*
C
CVBS37
CVBS75
Y
VREFIN
VREFOUT
ISET
VAA
GND
TEST
I C
Interface
2
Host
Parallel
Interface
Color Sub-carrier
Synthesizer
Video
Formatter
Video Timing
Generator
Control
Registers
Output
Interpolate
Chroma Amplifier
Chroma Modulate
Burst Insert
Chroma Interpolate
Luma Delay
Luma Amplifier
Sync Insert
9-Bit
DAC
Voltage
Reference
Current
Reference
8
8
LPF
LPF
Output
Interpolate
LPF
9-Bit
DAC
9-Bit
DAC
9-Bit
DAC
Σ
U, V
Y
OCT ‘97
DS223PP2


Similar Part No. - CS4953

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CS4953 DOINGTER-CS4953 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
logo
Cirrus Logic
CS495303 CIRRUS-CS495303 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS495303 CIRRUS-CS495303 Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS495303-CVZ CIRRUS-CS495303-CVZ Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS495303-CVZ CIRRUS-CS495303-CVZ Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
More results

Similar Description - CS4953

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954_06 Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311C MITEL-VP5311C Datasheet
144Kb / 16P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com