Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 31Page - Cirrus Logic CS4953 Datasheet HTML 32Page - Cirrus Logic CS4953 Datasheet HTML 33Page - Cirrus Logic CS4953 Datasheet HTML 34Page - Cirrus Logic CS4953 Datasheet HTML 35Page - Cirrus Logic CS4953 Datasheet HTML 36Page - Cirrus Logic CS4953 Datasheet HTML 37Page - Cirrus Logic CS4953 Datasheet HTML 38Page - Cirrus Logic CS4953 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
CS4952/53
DS223PP2
35
Interrupt Clear Register
Address
0x3C
INT_CLR
Read/Write
Default Value = 00h
Device ID Register
Address
0x3D
ID_REG
Read Only
Default Value = N/A
Bit Number
76543210
Bit Name
RESERVED
CLR_21
CLR_284
VS_CLR
Default
00000000
Bit
Mnemonic
Function
7:3
-
reserved
2
CLR_21
clear interrupt for closed caption line 21 (INT_21)
1
CLR_284
clear interrupt for closed caption line 284 (INT_284)
0
VS_CLR
clear interrupt for new video field (INT_V)
Bit Number
76
54
32
10
Bit Name
DEV_ID
RESERVED
Default
0
0
0
0
-
-
-
-
Bit
Mnemonic
Function
7:4
DEV_ID
0000 device ID for CS4952
0001 device ID for CS4953
3:0
-
These bits are reserved and the value they return on a read is not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com