Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 20Page - Cirrus Logic CS4953 Datasheet HTML 21Page - Cirrus Logic CS4953 Datasheet HTML 22Page - Cirrus Logic CS4953 Datasheet HTML 23Page - Cirrus Logic CS4953 Datasheet HTML 24Page - Cirrus Logic CS4953 Datasheet HTML 25Page - Cirrus Logic CS4953 Datasheet HTML 26Page - Cirrus Logic CS4953 Datasheet HTML 27Page - Cirrus Logic CS4953 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
CS4952/53
24
DS223PP2
Table 4. Internal Color Bar Values
(8-bit values, Cb/Cr are in 2’s complement format)
Interrupts
In order to better support precise video mode
switches and to establish a software/hardware
handshake with the closed caption insertion block
the CS4952/3 is equipped with an interrupt pin
named INT. The INT pin is active high. There are
three interrupt sources: VSYNC, Line 21 and Line
284. Each interrupt can be individually disabled
with the INT_EN register. Each interrupt is also
cleared via writing a one to the corresponding
INT_CLR register bits. The three individual inter-
rupts are ORed together to generate an interrupt
signal which is presented on the INT output pin. If
an interrupt has occurred, it cannot be eliminated
with a disable, it must be cleared.
General Purpose I/O Port
The CS4952/53 has a GPIO port and register which
is available when the device is configured for I2C
host interface operation. In I
2C host interface
mode, the PDAT [7:0] pins are unused by the host
interface and they may operate independently as in-
put or output pins for the GPIO_DATA_REG reg-
ister (0x0A). The CS4952/53 also contains the
GPIO_CTRL_REG Register (0x09) which is used
to configure the GPIO pins for input or output op-
eration.
The GPIO port PDAT [7:0] pins are configured for
input
operation
when
the
corresponding
GPIO_CTRL_REG [7:0] bits are cleared. In GPIO
input mode, the CS4952/53 will latch the data on
the PDAT [7:0] pins into the corresponding bit lo-
cations of GPIO_DATA_REG when it detects reg-
ister address 0x0A through the I2C interface. A
detection of address 0x0A can happen in two ways.
The first and most common way this will happen is
when address 0x0A is written to the CS4952/53 via
its I
2C interface. The second method for detecting
address 0x0A is implemented by accessing register
address 0x09 through I2C. In I2C host interface op-
eration, the CS4952/53 register address pointer will
auto-increment to address 0x0A after an address
0x09 access.
The GPIO port PDAT [7:0] pins are configured for
output
operation
when
the
corresponding
GPIO_CTRL_REG [7:0] bits are set. In GPIO out-
put mode, the CS4952/53 will output the data in
GPIO_DATA_REG [7:0] bit locations onto the
corresponding PDAT [7:0] pins when it detects a
register address 0x0A through the I
2C interface.
ANALOG
Analog Timing
All CS4952/3 analog timing and sequencing is de-
rived from the 27 MHz clock input. The analog out-
puts are controlled internally by the video timing
generator in conjunction with master and slave tim-
ing. The video output signals perform accordingly
for NTSC, PAL specifications and both modes again
but with progressive scan non-interlaced video out-
put.
Being that the CS4952/3 is almost entirely a digital
circuit, great care has been taken to guarantee ana-
log timing and slew rate performance as specified
in the NTSC and PAL analog specifications. Refer-
ence the Analog Parameters section of this data
sheet for exact performance parameters.
COLOR
Cb
Cr
Y
White
0
0
+180
Yellow
-84
+14
+162
Cyan
+28
-84
+131
Green
-56
-70
+112
Magenta
+56
+70
+84
Red
-28
+84
+69
Blue
+84
-14
+35
Black
0
0
+16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com