Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 35Page - Cirrus Logic CS4953 Datasheet HTML 36Page - Cirrus Logic CS4953 Datasheet HTML 37Page - Cirrus Logic CS4953 Datasheet HTML 38Page - Cirrus Logic CS4953 Datasheet HTML 39Page - Cirrus Logic CS4953 Datasheet HTML 40Page - Cirrus Logic CS4953 Datasheet HTML 41Page - Cirrus Logic CS4953 Datasheet HTML 42Page - Cirrus Logic CS4953 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
CS4952/53
DS223PP2
39
PLCC Pin Description
Pin Name
Pin Number
Type
Description
V [7:0]
14, 13, 12, 11, 10, 9, 8, 7
IN
Digital video data inputs
CLK
33
IN
27 MHz input clock
ADDR
19
IN
Address enable line / subcarrier crystal input
XTAL
18
OUT
subcarrier crystal output
HSYNC/CB
16
I/O
Active low horizontal sync, or composite blank signal
VSYNC
17
I/O
Active low vertical sync.
FIELD
15
OUT
Video field ID. Selectable polarity
RD
31
IN
Host parallel port read strobe, active low
WR
32
IN
Host parallel port write strobe, active low
PDAT [7:0]
23,24,25,26,27,28,29,30
I/O
Host parallel port/ general purpose I/O
SDA
35
I/O
I2C data
SCL
36
IN
I2C clock input
CVBS75
5
CURRENT Composite video output for driving 75
Ω loads
CVBS37
4
CURRENT Composite video output for driving 37.5
Ω loads
Y
43
CURRENT Luminance analog output for driving 37.5
Ω loads
C
44
CURRENT Chrominance analog output for driving 37.5
Ω loads
VREFOUT
42
OUT
Internal voltage reference output
VREFIN
41
IN
External voltage reference input
ISET
40
OUT
DAC current set
INT
34
OUT
Interrupt output, active high
RESET
37
IN
Active low master reset
TEST
6
IN
TEST pin. Ground for normal operation
VAA
1, 3, 20, 39
PS
+5 V supply
GND
2, 22, 21, 38
PS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com