Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 9Page - Cirrus Logic CS4953 Datasheet HTML 10Page - Cirrus Logic CS4953 Datasheet HTML 11Page - Cirrus Logic CS4953 Datasheet HTML 12Page - Cirrus Logic CS4953 Datasheet HTML 13Page - Cirrus Logic CS4953 Datasheet HTML 14Page - Cirrus Logic CS4953 Datasheet HTML 15Page - Cirrus Logic CS4953 Datasheet HTML 16Page - Cirrus Logic CS4953 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
CS4952/53
DS223PP2
13
Digital to Analog Converters
The CS4952/3 provides four complete simulta-
neous 27 MHz DACs for analog video output: one
9-bit for S-video chrominance, one 9-bit for S-Vid-
eo luminance, and two 9-bit composite outputs.
Both S-Video DACs are designed for 37.5
Ω over-
all loads. The two composite 9-bit DACs are not
identical. One DAC is designed to drive 37.5
Ω de-
rived from a double terminated 75
Ω circuit. The
second 9-bit DAC is targeted for an on-board local
video connection where single point 75
Ω termina-
tion is sufficient i.e. Ch3/4 RF modulators, video
amps, muxes.
The DACs can be put into tri-state mode via host
addressable control register bits. Each of the four
DACs has its own separate DAC enable associated
with it. In the disable mode, the 9-bit DACs source
or sink zero current.
For lower power standby scenarios the CS4952/3
also provides power shut-off control for the DACs.
Each DAC has a separate DAC shut-off associated
with it.
Voltage Reference
The CS4952/3 is equipped with an on-board
1.235 V voltage reference generator used by the
Video DACs. For most requirements, the voltage
reference output pin can be connected to the volt-
age reference input pin along with a decoupling ca-
pacitor. Otherwise the voltage reference input may
be connected to an external voltage reference.
Current Reference
The DAC output current per bit is derived in the
current reference block. The current step is speci-
fied by the size of resistor place between the ISET
current reference pin and electrical ground. This
has been optimized for 10k
Ω (see “ISET” on
page 25 for more informmation on selecting the
proper ISET value).
Host Interface
The CS4952/3 provides a parallel 8-bit data inter-
face for overall configuration and control. The host
interface uses active low read and write strobes
along with an active low address enable signal to
provide microprocessor compatible read and write
cycles. Indirect host addressing to the CS4952/3 in-
ternal registers is accomplished via an internal ad-
dress register which is uniquely accessible via bus
write cycles with the host address enable signal as-
serted.
The CS4952/3 also provides an I2C compatible se-
rial interface for device configuration and control.
This port can operate in standard or fast (400 KHz)
modes. When in I2C mode, the parallel data inter-
face PDAT [7:0] pins may be used as a general pur-
pose I/O port controlled by the I
2C interface.
Closed Caption Services
The CS4952/3 supports the generation of NTSC
Closed Caption services. Line 21 and Line 284 cap-
tioning can be generated and enabled independent-
ly via a set of control registers. When enabled,
clock run-in, start bit, and data bytes are automati-
cally inserted at the appropriate video lines. A con-
venient interrupt interface simplifies the software
interface between the host processor and the
CS4952/3.
Control Registers
The control and configuration of the CS4952/3 is
primarily accomplished through the control regis-
ter block. All of the control registers are uniquely
addressable via the internal address register. The
control register bits are initialized during a chip re-
set.
See the detailed operation section of this data sheet
for all of the individual register bit allocations, bit
operational descriptions and initialization states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com