Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 33Page - Cirrus Logic CS4953 Datasheet HTML 34Page - Cirrus Logic CS4953 Datasheet HTML 35Page - Cirrus Logic CS4953 Datasheet HTML 36Page - Cirrus Logic CS4953 Datasheet HTML 37Page - Cirrus Logic CS4953 Datasheet HTML 38Page - Cirrus Logic CS4953 Datasheet HTML 39Page - Cirrus Logic CS4953 Datasheet HTML 40Page - Cirrus Logic CS4953 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
CS4952/53
DS223PP2
37
be advisable to use microstrip techniques to further
reduce radiated switching noise if very fast edge
rates (<2ns) are used. If microstrip techniques are
used, split the analog and digital ground planes and
use proper RF decoupling techniques.
Analog Interconnect
The CS4952/3 should be located as close as possible
to the output connectors to minimize noise pickup
and reflections due to impedance mismatch. All un-
used analog outputs should be placed in shutdown.
This reduces the total power that the CS4952/3 re-
quires, and eliminates the impedance mismatch pre-
sented by an unused connector. The analog outputs
should not overlay the analog power plane to maxi-
mize high frequency power supply rejection.
Analog Output Protection
To minimize the possibility of damage to the ana-
log out put sections, make sure that all video con-
nectors are well grounded. The connector ground
should have a good DC ground path to the analog
and digital power supply grounds. If no DC (and
low frequency) path is present, improperly ground-
ed equipment may impose damaging reverse cur-
rents on the video out lines. Therefore, it is also a
good idea to use output filters that are AC coupled
to avoid any problems.
ESD Protection
External DAC Output Filter
If an output filter is required for the composite
and/or S-video outputs of the CS4952/53, the fol-
lowing low pass filter in Figure 15 can be used.
2.2
µH
330pF
220pF
OUT
IN
C 1
C2
CCABLE
C2
C1
CCABLE
should be chosen so that
= C2 +
Figure 15. Low Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com