Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4953 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4953
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4953 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4953 Datasheet HTML 30Page - Cirrus Logic CS4953 Datasheet HTML 31Page - Cirrus Logic CS4953 Datasheet HTML 32Page - Cirrus Logic CS4953 Datasheet HTML 33Page - Cirrus Logic CS4953 Datasheet HTML 34Page - Cirrus Logic CS4953 Datasheet HTML 35Page - Cirrus Logic CS4953 Datasheet HTML 36Page - Cirrus Logic CS4953 Datasheet HTML 37Page - Cirrus Logic CS4953 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
CS4952/53
34
DS223PP2
Closed Caption Enable Register
Address
0x18
CC_EN
Read/Write
Default Value = 00h
Closed Caption Data Register
Address
0x19
CC_21_1
Read/Write
Default Value = 00h
0x1A
CC_21_2
00h
0x1B
CC_284_1
00h
0x1C
CC_284_2
00h
Interrupt Enable Register
Address
0x3B
INT_EN
Read/Write
Default Value = 00h
Bit Number
76543210
Bit Name
RESERVED
EN_284
EN_21
Default
00000000
Bit
Mnemonic
Function
7:2
-
reserved
1
EN_284
enable closed caption for line 284
0
EN_21
enable closed caption for line 21
Register
Bit
Mnemonic
Function
CC_21_1
7:0
-
first closed caption databyte of line 21
CC_21_2
7:0
-
second closed caption databyte of line 21
CC_284_1
7:0
-
first closed caption databyte of line 284
CC_284_2
7:0
-
second closed caption databyte of line 284
Bit Number
76543210
Bit Name
RESERVED
EN_21
EN_284
VS_EN
Default
00000000
Bit
Mnemonic
Function
7:3
-
reserved
2
EN_21
interrupt enable for closed caption line 21
1
EN_284
interrupt enable for closed caption line 284
0
VS_EN
interrupt enable for new field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com