Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5351 Datasheet HTML 2Page - Cirrus Logic CS5351 Datasheet HTML 3Page - Cirrus Logic CS5351 Datasheet HTML 4Page - Cirrus Logic CS5351 Datasheet HTML 5Page - Cirrus Logic CS5351 Datasheet HTML 6Page - Cirrus Logic CS5351 Datasheet HTML 7Page - Cirrus Logic CS5351 Datasheet HTML 8Page - Cirrus Logic CS5351 Datasheet HTML 9Page - Cirrus Logic CS5351 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CS5351
6
DS565PP2
3 APPLICATIONS
3.1
Operational Mode/Sample Rate Range Select
The output sample rate, Fs, can be adjusted from 2kHz to 192kHz. The CS5351 must be set to the proper
speed mode via the mode pins, M1 and M0. Refer to Table 1.
3.2
System Clocking
The device supports operation in either Master Mode, where the left/right and serial clocks are synchro-
nously generated on-chip, or Slave Mode, which requires external generation of the left/right and serial
clocks. The device also includes a master clock divider in Master Mode where the master clock will be
internally divided prior to any other internal circuitry when MDIV is enabled, set to logic 1. In Slave Mode
the MDIV pin needs to be disabled, set to logic 0.
M1 (Pin 14) M0 (Pin 13)
MODE
Output Sample Rate (Fs)
0
0
Single Speed Mode
2kHz - 50kHz
0
1
Double Speed Mode
50kHz - 100kHz
1
0
Quad Speed Mode
100kHz - 192kHz
11
Reserved
Table 1. CS5351 Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com