Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5351 Datasheet HTML 5Page - Cirrus Logic CS5351 Datasheet HTML 6Page - Cirrus Logic CS5351 Datasheet HTML 7Page - Cirrus Logic CS5351 Datasheet HTML 8Page - Cirrus Logic CS5351 Datasheet HTML 9Page - Cirrus Logic CS5351 Datasheet HTML 10Page - Cirrus Logic CS5351 Datasheet HTML 11Page - Cirrus Logic CS5351 Datasheet HTML 12Page - Cirrus Logic CS5351 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS5351
DS565PP2
9
3.5
High Pass Filter and DC Offset Calibration
The operational amplifiers in the input circuitry driving the CS5351 may generate a small DC offset into
the A/D converter. The CS5351 includes a high pass filter after the decimator to remove any DC offset
which could result in recording a DC level, possibly yielding "clicks" when switching between devices in
a multichannel system.
The high pass filter continuously subtracts a measure of the DC offset from the output of the decimation
filter. If the HPF pin is taken high during normal operation, the current value of the DC offset register is
frozen and this DC offset will continue to be subtracted from the conversion result. This feature makes it
possible to perform a system DC offset calibration by:
1) Running the CS5351 with the high pass filter enabled until the filter settles.See the Digital Filter Char-
acteristics for filter settling time.
2) Disabling the high pass filter and freezing the stored DC offset.
A system calibration performed in this way will eliminate offsets anywhere in the signal path between the
calibration point and the CS5351.
3.6
Overflow Detection
The CS5361 includes overflow detection on both the left and right channels. This time multiplexed infor-
mation is presented as open drain, active low on pin 15, OVFL. The OVFL_L and OVFL_R data will go
to a logical low as soon as an overrange condition in either channel is detected. The data will remain low
VQ
10k
Ω
+
634
Ω
634
Ω
91
Ω
91
Ω
+
-
-
270 0 pF
470 p F
470 p F
CO G
CO G
100 u F
100 u F
C S 53 51 A I N L
C S 53 51 A I N R
AI N L
AI N R
CO G
10k
Ω
2 700 p F
CO G
Figure 3. CS5351 Recommended Analog Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com