Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5351 Datasheet HTML 1Page - Cirrus Logic CS5351 Datasheet HTML 2Page - Cirrus Logic CS5351 Datasheet HTML 3Page - Cirrus Logic CS5351 Datasheet HTML 4Page - Cirrus Logic CS5351 Datasheet HTML 5Page - Cirrus Logic CS5351 Datasheet HTML 6Page - Cirrus Logic CS5351 Datasheet HTML 7Page - Cirrus Logic CS5351 Datasheet HTML 8Page - Cirrus Logic CS5351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CS5351
DS565PP2
3
Figure 4. Single Speed Mode Stopband Rejection ....................................................................... 14
Figure 5. Single Speed Mode Transition Band ............................................................................. 14
Figure 6. Single Speed Mode Transition Band (Detail)................................................................. 14
Figure 7. Single Speed Mode Passband Ripple ........................................................................... 14
Figure 8. Double Speed Mode Stopband Rejection...................................................................... 14
Figure 9. Double Speed Mode Transition Band ............................................................................ 14
Figure 10. Double Speed Mode Transition Band (Detail) ............................................................. 15
Figure 11. Double Speed Mode Passband Ripple ........................................................................ 15
Figure 12. Quad Speed Mode Stopband Rejection ...................................................................... 15
Figure 13. Quad Speed Mode Transition Band............................................................................. 15
Figure 14. Quad Speed Mode Transition Band (Detail) ................................................................ 15
Figure 15. Quad Speed Mode Passband Ripple........................................................................... 15
Figure 16. Master Mode, Left Justified SAI ................................................................................... 19
Figure 17. Slave Mode, Left Justified SAI ..................................................................................... 19
Figure 18. Master Mode, I2S SAI .................................................................................................. 19
Figure 19. Slave Mode, I2S SAI .................................................................................................... 19
Figure 20. OVFL Output Timing .................................................................................................... 19
Figure 21. Left-Justified Serial Audio Interface ............................................................................. 20
Figure 22. I2S Serial Audio Interface............................................................................................. 20
Figure 23. OVFL Output Timing, I2S Format ................................................................................ 20
Figure 24. OVFL Output Timing, Left-Justified Format ................................................................. 20
Figure 25. CS5351/CS5361 Analog Input Buffer .......................................................................... 24
LIST OF TABLES
Table 1. CS5351 Mode Control ............................................................................................................. 6
Table 2. CS5351 Common Master Clock Frequencies ........................................................................ 7
Table 3. CS5351 Slave Mode Clock Ratios .......................................................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com