Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5351 Datasheet HTML 1Page - Cirrus Logic CS5351 Datasheet HTML 2Page - Cirrus Logic CS5351 Datasheet HTML 3Page - Cirrus Logic CS5351 Datasheet HTML 4Page - Cirrus Logic CS5351 Datasheet HTML 5Page - Cirrus Logic CS5351 Datasheet HTML 6Page - Cirrus Logic CS5351 Datasheet HTML 7Page - Cirrus Logic CS5351 Datasheet HTML 8Page - Cirrus Logic CS5351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS5351
4
DS565PP2
1
PIN DESCRIPTIONS
RST
124
FILT+
M/S
223
REFGND
LRCK
322
VQ3
SCLK
421
AINR
MCLK
520
VQ2
VD
619
VA
GND
718
GND
VL
817
VQ1
SDOUT
916
AINL
MDIV
10
15
OVFL
HPF
11
14
M1
I2S/LJ
12
13
M0
Pin Name
#
Pin Description
RST
1
Reset (Input) - The device enters a low power mode when low.
M/S
2
Master/Slave Mode (Input) - Selects operation as either clock master or slave.
LRCK
3
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SCLK
4
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VD
6
Digital Power (Input) - Positive power supply for the digital section.
GND
7,18 Ground (Input) - Ground reference. Must be connected to analog ground.
VL
8
Logic Power (Input) - Positive power for the digital input/output.
SDOUT
9
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
MDIV
10
MCLK Divider (Input)- Enables a master clock divide by two function.
HPF
11
High Pass Filter Enable (Input)- Enables the Digital High-Pass Filter.
I2S/LJ
12
Serial Audio Interface Format Select (Input) -Selects either the left-justified or I2S format for the SAI.
M0
M1
13,
14
Mode Selection (Input) - Determines the operational mode of the device.
OVFL
15
Overflow (Output, open drain) - Detects an overflow condition on both left and right channels.
AINR
AINL
16,
21
Analog Input (Input) - The full scale analog input level is specified in the Analog Characteristics specifi-
cation table.
VQ1
VQ2
VQ3
17,
20,
22
Quiescent Voltage (Input/Output) - Filter connection for the internal quiescent reference voltage.
VA
19
Analog Power (Input) - Positive power supply for the analog section.
REF_GND
23
Reference Ground (Input) - Ground reference for the internal sampling circuits.
FILT+
24
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com