Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5351 Datasheet HTML 16Page - Cirrus Logic CS5351 Datasheet HTML 17Page - Cirrus Logic CS5351 Datasheet HTML 18Page - Cirrus Logic CS5351 Datasheet HTML 19Page - Cirrus Logic CS5351 Datasheet HTML 20Page - Cirrus Logic CS5351 Datasheet HTML 21Page - Cirrus Logic CS5351 Datasheet HTML 22Page - Cirrus Logic CS5351 Datasheet HTML 23Page - Cirrus Logic CS5351 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS5351
20
DS565PP2
SD AT A
2 3 2 2
7
6
23 22
SC L K
LR C K
23 22
54
32
10
8
76
54
32
10
8
9
9
Left C hannel
R igh t C hannel
Figure 21. Left-Justified Serial Audio Interface
SD A T A
2 3 2 2
8
7
23 22
SC L K
LR C K
23 22
65
43
21
0
87
65
43
21
0
9
9
L e ft C hanne l
R ight C hannel
Figure 22. I
2S Serial Audio Interface
LRCK
OVFL
SCLK
OVFL_R
OVFL_L
OVFL_R
Figure 23. OVFL Output Timing, I2SFormat
LRCK
OVFL
SCLK
OVFL_R
OVFL_L
OVFL_R
Figure 24. OVFL Output Timing, Left-Justified Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com