Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5351 Datasheet HTML 9Page - Cirrus Logic CS5351 Datasheet HTML 10Page - Cirrus Logic CS5351 Datasheet HTML 11Page - Cirrus Logic CS5351 Datasheet HTML 12Page - Cirrus Logic CS5351 Datasheet HTML 13Page - Cirrus Logic CS5351 Datasheet HTML 14Page - Cirrus Logic CS5351 Datasheet HTML 15Page - Cirrus Logic CS5351 Datasheet HTML 16Page - Cirrus Logic CS5351 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CS5351
DS565PP2
13
DIGITAL DECIMATION FILTER CHARACTERISTICS
Notes: 2. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
3. The filter frequency response scales precisely with Fs.
Parameter
Symbol
Min
Typ
Max
Unit
Single Speed Mode (2kHz to 50kHz sample rates)
Passband
(-0.1 dB)
(Note 3)
0
-
0.47
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 3)
0.58
-
-
Fs
Stopband Attenuation
-95
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-12/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Double Speed Mode (50kHz to 100kHz sample rates)
Passband
(-0.1 dB)
(Note 3)
0
-
0.45
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 3)
0.68
-
-
Fs
Stopband Attenuation
-92
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Quad Speed Mode (100kHz to 192kHz sample rates)
Passband
(-0.1 dB)
(Note 3)
0
-
0.24
Fs
Passband Ripple
-
-
±0.035
dB
Stopband
(Note 3)
0.78
-
-
Fs
Stopband Attenuation
-97
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
High Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 2)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20Hz
(Note 2)
-
10
-
Deg
Passband Ripple
-
-
0
dB
Filter Settling Time
105/Fs
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com