Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5351 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5351 Datasheet HTML 6Page - Cirrus Logic CS5351 Datasheet HTML 7Page - Cirrus Logic CS5351 Datasheet HTML 8Page - Cirrus Logic CS5351 Datasheet HTML 9Page - Cirrus Logic CS5351 Datasheet HTML 10Page - Cirrus Logic CS5351 Datasheet HTML 11Page - Cirrus Logic CS5351 Datasheet HTML 12Page - Cirrus Logic CS5351 Datasheet HTML 13Page - Cirrus Logic CS5351 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CS5351
10
DS565PP2
as specified in the Switching Characteristics - Serial Audio Port section. This ensures sufficient time to
detect an overrange condition regardless of the speed mode. After the timeout, the OVFL_L and OVFL_R
data will return to a logical high if there has not been any other overrange condition detected. Please note
that an overrange condition on either channel will restart the timeout period for both channels.
3.6.1
OVFL Output Timing
In left-justified format, the OVFL pin is updated one SCLK period after an LRCK transition. In I2S format,
the OVFL pin is updated two SCLK periods after an LRCK transition. Refer to Figures 23 and 24. In both
cases the OVFL data can be easily demultiplexed by using the LRCK to latch the data. In left-justified
format, the rising edge of LRCK would latch the right channel overflow status, and the falling edge of
LRCK would latch the left channel overflow status. In I2S format, the falling edge of LRCK would latch
the right channel overflow status and the rising edge of LRCK would latch the left channel overflow status.
3.7
Grounding and Power Supply Decoupling
As with any high resolution converter, the CS5351 requires careful attention to power supply and ground-
ing arrangements if its potential performance is to be realized. Figure 1 shows the recommended power
arrangements, with VA and VL connected to clean supplies. VD, which powers the digital filter, may be
run from the system logic supply or may be powered from the analog supply via a resistor. In this case, no
additional devices should be powered from VD. Decoupling capacitors should be as near to the ADC as
possible, with the low value ceramic capacitor being the nearest. All signals, especially clocks, should be
kept away from the FILT+ and VQ pins in order to avoid unwanted coupling into the modulators. The
FILT+ and VQ decoupling capacitors, particularly the 0.1 µF, must be positioned to minimize the electri-
cal path from FILT+ and REFGND. The CDB5351 evaluation board demonstrates the optimum layout and
power supply arrangements. To minimize digital noise, connect the ADC digital outputs only to CMOS
inputs.
3.8
Synchronization of Multiple Devices
In systems where multiple ADCs are required, care must be taken to achieve simultaneous sampling. To
ensure synchronous sampling, the MCLK and LRCK must be the same for all of the CS5351’s in the sys-
tem. If only one master clock source is needed, one solution is to place one CS5351 in Master mode, and
slave all of the other CS5351’s to the one master. If multiple master clock sources are needed, a possible
solution would be to supply all clocks from the same external source and time the CS5351 reset with the
inactive edge of MCLK. This will ensure that all converters begin sampling on the same clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com