Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 54Page - STMicroelectronics STM32L151C8 Datasheet HTML 55Page - STMicroelectronics STM32L151C8 Datasheet HTML 56Page - STMicroelectronics STM32L151C8 Datasheet HTML 57Page - STMicroelectronics STM32L151C8 Datasheet HTML 58Page - STMicroelectronics STM32L151C8 Datasheet HTML 59Page - STMicroelectronics STM32L151C8 Datasheet HTML 60Page - STMicroelectronics STM32L151C8 Datasheet HTML 61Page - STMicroelectronics STM32L151C8 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
58/131
DocID17659 Rev 9
Table 18. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C 105 °C
IDD (Run
from
RAM)
Supply current
in Run mode,
code executed
from RAM,
Flash switched
off
fHSE = fHCLK
up to 16 MHz,
included
fHSE = fHCLK/2
above 16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
200
300
300
300
µA
2 MHz
380
500
500
500
4 MHz
720
860
860
860(3)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
0.9
1
1
1
mA
8 MHz
1.65
2
2
2
16 MHz
3.2
3.7
3.7
3.7
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2
2.5
2.5
2.5
16 MHz
4
4.5
4.5
4.5
32 MHz
7.7
8.5
8.5
8.5
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
3.3
3.8
3.8
3.8
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
7.8
9.2
9.2
9.2
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
40
60
60
80
µA
MSI clock, 524 kHz
524 kHz
110
140
140
160
MSI clock, 4.2 MHz
4.2 MHz 700
800
800
820
1. Based on characterization, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com