Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 45Page - STMicroelectronics STM32L151C8 Datasheet HTML 46Page - STMicroelectronics STM32L151C8 Datasheet HTML 47Page - STMicroelectronics STM32L151C8 Datasheet HTML 48Page - STMicroelectronics STM32L151C8 Datasheet HTML 49Page - STMicroelectronics STM32L151C8 Datasheet HTML 50Page - STMicroelectronics STM32L151C8 Datasheet HTML 51Page - STMicroelectronics STM32L151C8 Datasheet HTML 52Page - STMicroelectronics STM32L151C8 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
DocID17659 Rev 9
49/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
6.1.6
Power supply scheme
Figure 12. Power supply scheme
MS32461V1
VDD1/2/.../N
Analog:
RCs,
PLL,...
GP I/Os
OUT
IN
Kernel logic
(CPU, Digital
& Memories)
Standby-power circuitry
(OSC32K,RTC,
RTC backup registers)
Wake-up logic
N × 100 nF
+ 1 × 10 μF
Regulator
VSS1/2/.../N
VDDA
VREF+
VREF-
VSSA
ADC/
DAC
IO
Logic
VDD
100 nF
+ 1 μF
VREF
100 nF
+ 1 μF
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com