Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 80Page - STMicroelectronics STM32L151C8 Datasheet HTML 81Page - STMicroelectronics STM32L151C8 Datasheet HTML 82Page - STMicroelectronics STM32L151C8 Datasheet HTML 83Page - STMicroelectronics STM32L151C8 Datasheet HTML 84Page - STMicroelectronics STM32L151C8 Datasheet HTML 85Page - STMicroelectronics STM32L151C8 Datasheet HTML 86Page - STMicroelectronics STM32L151C8 Datasheet HTML 87Page - STMicroelectronics STM32L151C8 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
84/131
DocID17659 Rev 9
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 19 and
Table 44, respectively.
Unless otherwise specified, the parameters given in Table 44 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 13.
Table 44. I/O AC characteristics(1)
OSPEEDRx
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Max(2) Unit
00
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7
V to 3.6 V
-400
kHz
CL = 50 pF, VDD =
1.65 V to 2.7 V
-400
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7
V to 3.6 V
-625
ns
CL = 50 pF, VDD =
1.65 V to 2.7 V
-625
01
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7
V to 3.6 V
-2
MHz
CL = 50 pF, VDD =
1.65 V to 2.7 V
-1
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7
V to 3.6 V
-125
ns
CL = 50 pF, VDD =
1.65 V to 2.7 V
-250
10
Fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7
V to 3.6 V
-10
MHz
CL = 50 pF, VDD =
1.65 V to 2.7 V
-2
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7
V to 3.6 V
-25
ns
CL = 50 pF, VDD =
1.65 V to 2.7 V
-125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com