Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 64Page - STMicroelectronics STM32L151C8 Datasheet HTML 65Page - STMicroelectronics STM32L151C8 Datasheet HTML 66Page - STMicroelectronics STM32L151C8 Datasheet HTML 67Page - STMicroelectronics STM32L151C8 Datasheet HTML 68Page - STMicroelectronics STM32L151C8 Datasheet HTML 69Page - STMicroelectronics STM32L151C8 Datasheet HTML 70Page - STMicroelectronics STM32L151C8 Datasheet HTML 71Page - STMicroelectronics STM32L151C8 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
68/131
DocID17659 Rev 9
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 13.
6.3.6
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO. The
external clock signal has to respect the I/O characteristics in Section 6.3.13. However, the
recommended clock input waveform is shown in Figure 15: High-speed external clock
source AC timing diagram.
Table 25. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ Max(1)
1. Based on characterization, not tested in production, unless otherwise specified
Unit
tWUSLEEP
Wakeup from Sleep mode
fHCLK = 32 MHz
0.36
-
µs
tWUSLEEP_LP
Wakeup from Low power
sleep mode
fHCLK = 262 kHz
fHCLK = 262 kHz
Flash enabled
32
-
fHCLK = 262 kHz
Flash switched OFF
34
-
tWUSTOP
Wakeup from Stop mode,
regulator in Run mode
fHCLK = fMSI = 4.2 MHz
8.2
-
Wakeup from Stop mode,
regulator in low power
mode
fHCLK = fMSI = 4.2 MHz
Voltage Range 1 and 2
8.2
9.3
fHCLK = fMSI = 4.2 MHz
Voltage Range 3
7.8
11.2
fHCLK = fMSI = 2.1 MHz
10
12
fHCLK = fMSI = 1.05 MHz 15.5
20
fHCLK = fMSI = 524 kHz
29
35
fHCLK = fMSI = 262 kHz
53
63
fHCLK = fMSI = 131 kHz
105
118
fHCLK = MSI = 65 kHz
210
237
tWUSTDBY
Wakeup from Standby
mode
FWU bit = 1
fHCLK = MSI = 2.1 MHz
50
103
Wakeup from Standby
mode
FWU bit = 0
fHCLK = MSI = 2.1 MHz
2.5
3.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com