Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 17Page - STMicroelectronics STM32L151C8 Datasheet HTML 18Page - STMicroelectronics STM32L151C8 Datasheet HTML 19Page - STMicroelectronics STM32L151C8 Datasheet HTML 20Page - STMicroelectronics STM32L151C8 Datasheet HTML 21Page - STMicroelectronics STM32L151C8 Datasheet HTML 22Page - STMicroelectronics STM32L151C8 Datasheet HTML 23Page - STMicroelectronics STM32L151C8 Datasheet HTML 24Page - STMicroelectronics STM32L151C8 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
DocID17659 Rev 9
21/131
STM32L151x6/8/B, STM32L152x6/8/B
Functional overview
47
Figure 2. Clock tree
1. For the USB function to be available, both HSE and PLL must be enabled, with the CPU running at either
24 MHz or 32 MHz.
AHB
Prescaler
/1, 2..512
APB1
Prescaler
/1, 2, 4, 8, 16
PCLK1
HCLK
to AHB bus, core,
memory and DMA
peripherals
to APB1
Peripheral Clock
Enable
Enable
Peripheral Clock
APB2
Prescaler
/1, 2, 4, 8, 16
PCLK2
to TIM9, 10, and 11
peripherals to APB2
Peripheral Clock
Enable
Enable
Peripheral Clock
32 MHz max
32 MHz max
to Cortex System timer
/8
Clock
Enable
SYSCLK
TIMxCLK
TIMxCLK
FCLK Cortex
free running clock
to TIM2,3,4,6 and 7
If (APB1 prescaler =1) x1
else x2
If (APB2 prescaler =1) x1
else x2
32 MHz max
HSE OSC
1-24 MHz
OSC_IN
OSC_OUT
HSI RC
16 MHz
x3,x4,x6,x8
x12,x16,x24
PLLMUL
PLLCLK
HSI
HSI
HSE
PLLSRC
SW
CSS
x32,x48
/2,/3,/4
48 MHz
USBCLK
to USB interface
PLLDIV
to ADC
Peripheral clock
enable
ADCCLK
MHz max
32
OSC32_IN
OSC32_OUT
LSE OSC
32.768 kHz
LSI RC
37 kHz
to Independent Watchdog (IWDG)
MCO
PLLCLK
HSI
HSE
LSE
LSI
/2,4,
8,16
to RTC
MCOSEL
RTCCLK
RTCSEL[1:0]
IWDGCLK
SYSCLK
/1,2,4,
8,16
MSI
LSE
LSI
to LCD
to
Timer 9, 10, 11 ETR
HSE = High-speed external clock signal
LSE = Low-speed external clock signal
LSI = Low-speed internal clock signal
HSI = High-speed internal clock signal
Legend :
ai17212c
MSI = Multispeed internal clock signal
PLLVCO/2
MSI RC
MSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com