Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 58Page - STMicroelectronics STM32L151C8 Datasheet HTML 59Page - STMicroelectronics STM32L151C8 Datasheet HTML 60Page - STMicroelectronics STM32L151C8 Datasheet HTML 61Page - STMicroelectronics STM32L151C8 Datasheet HTML 62Page - STMicroelectronics STM32L151C8 Datasheet HTML 63Page - STMicroelectronics STM32L151C8 Datasheet HTML 64Page - STMicroelectronics STM32L151C8 Datasheet HTML 65Page - STMicroelectronics STM32L151C8 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
62/131
DocID17659 Rev 9
Table 21. Current consumption in Low power sleep mode
Symbol
Parameter
Conditions
Typ
Max
(1)
1. Based on characterization, not tested in production, unless otherwise specified.
Unit
IDD (LP
Sleep)
Supply
current in
Low power
sleep
mode
All
peripherals
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash OFF
TA = -40 °C to 25 °C 4.4
-
µA
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash ON
TA = -40 °C to 25 °C 17.5
25
TA = 85 °C
22
27
TA = 105 °C
31
39
MSI clock, 65 kHz
fHCLK = 65 kHz,
Flash ON
TA = -40 °C to 25 °C 18
26
TA = 85 °C
23
28
TA = 105 °C
31
40
MSI clock, 131 kHz
fHCLK = 131 kHz,
Flash ON
TA = -40 °C to 25 °C 22
30
TA = 55 °C
24
32
TA = 85 °C
26
34
TA = 105 °C
34
45
TIM9 and
USART1
enabled,
Flash ON,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C 17.5
25
TA = 85 °C
22
27
TA = 105 °C
31
39
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C 18
26
TA = 85 °C
23
28
TA = 105 °C
31
40
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C 22
30
TA = 55 °C
24
32
TA = 85 °C
26
34
TA = 105 °C
34
45
IDD Max
(LP Sleep)
Max
allowed
current in
Low power
Sleep
mode
VDD from
1.65 V to
3.6 V
--
-
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com