Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 78Page - STMicroelectronics STM32L151C8 Datasheet HTML 79Page - STMicroelectronics STM32L151C8 Datasheet HTML 80Page - STMicroelectronics STM32L151C8 Datasheet HTML 81Page - STMicroelectronics STM32L151C8 Datasheet HTML 82Page - STMicroelectronics STM32L151C8 Datasheet HTML 83Page - STMicroelectronics STM32L151C8 Datasheet HTML 84Page - STMicroelectronics STM32L151C8 Datasheet HTML 85Page - STMicroelectronics STM32L151C8 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
82/131
DocID17659 Rev 9
6.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 42 are derived from tests
performed under conditions summarized in Table 13. All I/Os are CMOS and TTL compliant.
Table 42. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
-
-
-
-
0.3VDD(1)
V
VIH
Input high level voltage
Standard I/O
0.7 VDD
--
FT I/O
-
-
Vhys
I/O Schmitt trigger voltage
hysteresis(2)
Standard I/O
-
10% VDD(3)
-
FT I/O
-
5% VDD(4)
-
Ilkg
Input leakage current (5)
VSS ≤ VIN ≤ VDD
I/Os with LCD
--
±50
nA
VSS ≤ VIN ≤ VDD
I/Os with analog
switches
--
±50
VSS ≤ VIN ≤ VDD
I/Os with analog
switches and LCD
--
±50
VSS ≤ VIN ≤ VDD
I/Os with USB
--
TBD
FT I/O
VDD ≤ VIN ≤ 5V
--
TBD
VSS ≤ VIN ≤ VDD
Standard I/Os
--
±50
RPU
Weak pull-up equivalent resistor(6)(1)
VIN = VSS
30
45
60
k
Ω
RPD
Weak pull-down equivalent resistor(6)
VIN = VDD
30
45
60
k
Ω
CIO
I/O pin capacitance
-
-
-
5
-
pF
1. Tested in production
2. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
3. With a minimum of 200 mV. Based on characterization, not tested in production.
4. With a minimum of 100 mV. Based on characterization, not tested in production.
5. The max. value may be exceeded if negative current is injected on adjacent pins.
6. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com