Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8 Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32L151C8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32L151C8 Datasheet HTML 122Page - STMicroelectronics STM32L151C8 Datasheet HTML 123Page - STMicroelectronics STM32L151C8 Datasheet HTML 124Page - STMicroelectronics STM32L151C8 Datasheet HTML 125Page - STMicroelectronics STM32L151C8 Datasheet HTML 126Page - STMicroelectronics STM32L151C8 Datasheet HTML 127Page - STMicroelectronics STM32L151C8 Datasheet HTML 128Page - STMicroelectronics STM32L151C8 Datasheet HTML 129Page - STMicroelectronics STM32L151C8 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 131 page
background image
Revision history
STM32L151x6/8/B, STM32L152x6/8/B
126/131
DocID17659 Rev 9
25-Feb-2011
4
(continued)
Updated Table 23: Typical and maximum current consumptions in
Standby mode on page 65 (IDD (WU from Standby) instead of (IDD
(WU from Stop).
Table 25: Low-power mode wakeup timings on page 68: updated
condition for Wakeup from Stop mode, regulator in Run mode;
updated max values for Wakeup from Stop mode, regulator in low
power mode; updated max values for tWUSTDBY.
Table 24: Peripheral current consumption on page 66: updated
values for column Low power sleep and run; updated Flash values;
renamed ADC1 to ADC; updated IDD (LCD) value; updated units;
added values for IDD (RTC) and IDD (IWDG); updated footnote 1 and 3;
added foot note 2 concerning ADC.
Table 26: High-speed external user clock characteristics on
page 69: added min value for tw(HSE)/tw(HSE) OSC_IN high or low
time; added max value for tr(HSE)/tf(HSE) OSC_IN rise or fall time;
updated IL for typ and max values.
Table 27: Low-speed external user clock characteristics on page 70:
updated max value for IL.
Table 28: HSE oscillator characteristics on page 71: renamed i2 as
IHSE and updated max value; updated max values for IDD(HSE).
Table 29: LSE oscillator characteristics (fLSE = 32.768 kHz) on
page 72: updated max value for ILSE.
Table 30: HSI oscillator characteristics on page 74: updated some
min and max values for ACCHSI.
Table 32: MSI oscillator characteristics on page 75: updated
parameter, typ, and max values for DVOLT(MSI).
Table 35: Flash memory and data EEPROM characteristics on
page 77: updated typ values for tprog.
Table 44: I/O AC characteristics on page 84: updated some max
values for 01, 10, and 11; updated min value; updated footnotes.
Table 55: ADC accuracy on page 96: updated typ values and some
of the test conditions for ENOB, SINAD, SNR, and THD.
Table 57: DAC characteristics on page 100: updated footnote 7 and
added footnote 8.
Updated leakage value in Figure 27: Typical connection diagram
using the ADC.
Added Figure 28: Maximum dynamic current consumption on
VREF+ supply pin during ADC conversion.
Added Table 56: RAIN max for fADC = 16 MHz on page 98
Figure 29: Power supply and reference decoupling (VREF+ not
connected to VDDA): replaced all 10 nF capacitors with 100 nF
capacitors.
Figure 30: Power supply and reference decoupling (VREF+
connected to VDDA): replaced 10 nF capacitor with 100 nF
capacitor.
Table 71. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com