Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 22
EN
LX
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
AGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
R4
R3
DC Control Signal VDC = 0 to 5V
VOUT
EN
LX
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
AGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
VOUT
Figure 2.1
Typical Application Circuit
2.2.2
Dimming via External DC Voltage Control
The LED output current can be set below the nominal average value defined on section 2.2.1 by using an
external DC voltage control signal superimposed on the FB pin as shown in the example circuit in Figure 2.2.
As the DC control signal, VDC, increases, the current through R3 increases with a subsequent increase in the
voltage at the FB pin. This causes the ZLED7015 to compensate by reducing the output current through the
LED string. Consequently, the output current is inversely proportional to the DC control voltage.
Note: It is important to ensure that the LED output voltage VOUT remains higher than the input voltage VIN in
dimming applications.
Figure 2.2
Example Circuit for Controlling Output Current via an External DC Control Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com