Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
14 of 22
S
FB
DC
FB
OUT
R
R
V
V
R
V
I


4
3
EN
LX
AGND
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
R4
R3
R5
C3
Microcontroller PMW Signal
5V
0V
The output current controlled by the DC voltage on FB can be calculated using equation (2):
(2)
Where
IOUT = Output current through the LED(s) with a DC control voltage
VFB = Internal feedback reference voltage (Table 1.3, parameter 1.3.7)
VDC = External DC control voltage
2.2.3
Dimming via PWM Control
An external pulse-width modulated (PWM) signal input can be used to control the LED output current by
driving the output current to a value below the nominal average value defined in section 2.2.1. A
microcontroller can be used to generate the PWM signal. See Figure 2.3 for an example circuit. The PWM
signal is superimposed on the feedback voltage from RS at the FB pin via the input filter R5/C3 and R4, which
produces a DC voltage with a ripple. This method of controlling dimming is similar to the external DC voltage
control described in section 2.2.2. The duty cycle of the PWM signal regulates the filtered DC voltage level,
which inversely controls the LED output current level. When the duty cycle is at 100%, the output current is at
the minimum. With a 0% duty cycle, the output current is at the maximum.
Recommendation: With a PWM signal of 0 to 5V, use an R3 value of 10kΩ and a PWM frequency of >2kHz to
minimize the filtered PWM voltage ripple.
Note: It is important to ensure that the LED output voltage VOUT remains higher than the input voltage VIN in
dimming applications.
Figure 2.3
Example Circuit for Controlling Output Current via a PWM Control Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com