Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 22
1.4
Typical Operating Characteristics
The curves are valid for the typical application circuit and Tamb = 25°C unless otherwise noted.
Figure 1.1
IOUT vs. VIN with RS = 0.42Ω
Figure 1.2
IOUT vs. VIN with RS = 0.88Ω
Figure 1.3
IOUT vs. VOUT with RS = 0.42Ω
Figure 1.4
IOUT vs. VOUT with RS = 0.88Ω
Figure 1.5
Efficiency vs. VIN with RS = 0.42Ω
Figure 1.6
Efficiency vs. VIN with RS = 0.88Ω
670
680
690
700
710
720
730
18
20
22
24
26
28
VIN (V)
VOUT=30V,RS=0.42,L1=10H
330
335
340
345
350
355
360
10
15
20
25
30
VIN (V)
VOUT=30V,RS=0.88,L1=10H
670
680
690
700
710
720
730
25
26
27
28
29
30
VIN=24V,RS=0.42,L1=10H
VOUT (V)
330
335
340
345
350
355
360
12
15
18
21
24
27
30
VIN=12V,RS=0.88,L1=10H
VOUT (V)
50
60
70
80
90
100
18
20
22
24
26
28
VOUT=30V,RS=0.42,L1=10H
VIN (V)
50
60
70
80
90
100
10
15
20
25
30
VOUT=30V,RS=0.88,L1=10H
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com