Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
18 of 22
2
2
_
)
(
1
R
R
R
V
V
TH
OVP
OVP
4
Operating Conditions
4.1
Under-Voltage Lockout
The under-voltage lockout (UVLO) monitors the
ZLED7015’s internal regulator output voltage, VP, to ensure
correct operation of the internal circuitry. When the VP voltage is lower than the UVLO threshold VUVLO, the
ZLED7015 disables the internal power switch. If the VP voltage reaches a level higher than the UVLO
threshold plus UVLO hysteresis (VUVLO+VUVLO_HYS) the UVLO turns off and the internal power switch is
re-enabled. See parameters 1.3.14 and 1.3.15 in section 1.3 for the UVLO threshold and hysteresis.
4.2
Over-Voltage Threshold and Open-Circuit Protection
If the LED string becomes open or the FB pin is shorted to ground, the ZLED7015 would normally continually
boost the output voltage to potentially damaging levels. To prevent this, the ZLED7015 includes an integrated
over-voltage protection (OVP) mechanism. If
the output voltage reaches the ZLED7015’s OVP threshold V
OVP,
the protection circuitry is triggered and the device automatically turns off the internal switch, stopping the
boost function and protecting the device. Once the output voltage falls below the OVP threshold minus OVP
threshold hysteresis (VOVP_TH-VOVP_TH_HYS), the device will enter soft-start mode.
The OVP threshold VOVP for the ZLED7015 is selectable via the R1 and R2 resistor values determined by
equation (5):
(5)
Where
VOVP = Over-voltage protection threshold
VOVP_TH = Internal over-voltage threshold reference voltage (see Table 1.3, parameter 1.3.16)
Important: Care must be taken to select proper R1 and R2 values to ensure proper functioning of the
ZLED7015. See specification 1.3.16 in Table 1.3 for the over-voltage protection threshold voltage. Set VOVP
3V higher than the normal operation output voltage.
Important: When setting VOVP, care must be taken to ensure VOUT cannot exceed 35V.
Minimize noise coupling on the OVP pin, which could interfere with proper protection, by connecting a 10nF
ceramic capacitor to GND from OVP (COVP).
4.3
Over-Temperature Protection
The ZLED7015 features on-chip over-temperature protection. If its internal temperature exceeds the over-
temperature protection (OTP) threshold, TOTP, due to high power dissipation and improper heat sinking, the
internal power switch is disabled. Once the internal temperature has fallen below the OTP threshold minus the
OTP threshold hysteresis (TOTP - TOTP_HYS), the ZLED7015 enters the soft-start mode (see section 2.1).
Refer to Table 1.1 for the maximum package power dissipation specifications for the ZLED7015
’s MSOP-10
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com