Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
17 of 22
3
Application Circuit Design
The following sections cover selection of the external components shown in the typical application on page 2.
3.1
External Component
– R
S
Recommendation: Use precision resistors (±1% or better tolerance) for the RS resistor to ensure accurate
control of the LED current.
See section 2.2.1 for the equation for selecting the value of RS, which sets the nominal current output.
3.2
External Component
– Inductor L
1
Designing the circuit so that the current through inductor L1 is always above 0V (i.e., continuous mode)
typically gives the best performance due to improved load regulation and reduced output ripple. Select an
inductor that has a saturation current and a current rating greater than the mean input current.
The inductor value selection requires trade-offs between unwanted ripple current and parasitic effects. A
larger value inductor reduces inductor ripple current, resulting in less output ripple voltage; however, higher
values also increase parasitic resistance, which can degrade performance. For most applications, a 10µH
inductor with a saturation current >2.5A is adequate. See section 7.4 for layout restrictions.
3.3
External Components
– Input Decoupling Capacitors C
1 and CIN
The input capacitors C1 and CIN minimize the input voltage noise and ripple. Recommendation: use a 22µF or
larger low-ESR electrolytic capacitor for CIN in parallel with a 1µF ceramic capacitor rated at greater than the
input voltage plus a safety margin for C1.
3.4
External Component
–Output Capacitors C
2 and COUT
The output capacitors C2 and COUT minimize the output voltage ripple. Recommendation: use a 22µF or larger
low-ESR electrolytic capacitor for COUT in parallel with a 1µF ceramic capacitor rated at greater than the output
voltage plus a safety margin for C2.
3.5
External Component
– Diode D
1
For the diode D1, select a high-speed, low-capacitance Schottky diode with low reverse leakage at the
maximum operating voltage and temperature to ensure maximum efficiency and performance.
Important: Choose diodes with a continuous current rating higher than the maximum output load current and a
peak current rating above the peak coil current. When operating above 85°C, the reverse leakage of the diode
must be addressed because it can cause excessive power dissipation in the diode, especially when the output
voltage is relatively high. Its reverse breakdown voltage must be greater than the over-voltage protection level
VOVP (see section 4.2).
Note: Silicon diodes have higher forward voltage and higher voltage overshoot before they start conducting,
which can increase the peak voltage on the LX output. Ensure that the total voltage appearing on the LX pin,
including supply ripple, is within the specified range (see Table 1.1).
3.6
Additional External Components
For the VDD input, connect resistor RVDD to the positive power supply and connect ceramic capacitor CVDD to
ground. Recommendations: use 1µF for CVDD; use 300Ω for RVDD with input voltages ≥ 8V, use 50Ω for RVDD
with input voltages < 8V.
For the VP pin, connect a 10µF ceramic bypass capacitor to ground (CVP).
If the EN pin is not used, connect a 100k
Ω resistor to the positive power supply (R
EN). Do not allow the EN pin
to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com