Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7015 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
Data Sheet
December 20, 2011
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 22
1
IC Characteristics
Note: Exceeding the maximum ratings given in this section could cause operation failure and/or cause
permanent damage to the ZLED7015. Exposure to these conditions for extended periods may affect device
reliability.
1.1
Absolute Maximum Ratings
Table 1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Supply voltage on VDD pin
(also see specification
1.2.2)
VDD
-0.3
40.0
V
1.1.2
LX pin output voltage
VLX
-0.3
40.0
V
1.1.3
All other pins
-0.3
6.0
V
1.1.4
ESD Performance
Human Body Model
High voltage pins:
1, 4, 5, 9, and 10
±2.5
kV
Low voltage pins:
2, 3, 6, 7, and 8
±4
kV
1.1.5
Junction temperature
Tj MAX
-40
150
°C
1.1.6
Storage temperature
TST
-65
150
°C
1.1.7
Lead soldering temperature
10 seconds maximum
260
°C
1.1.8
Junction-to-ambient
thermal resistance
RθJA
60
°C/W
1.2
Operating Conditions
Table 1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Supply voltage on VDD pin
(also see absolute maxi-
mum specification 1.1.1)
VDD
6
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com