Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7015 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZLED7015 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7015 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ZLED7015
1.0MHz Boost Converter with Internal 35V Switch
© 2011 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Typical Applications
Low-Voltage Retro-fit Lighting
Architectural/Building Lighting
MR16 Lights
Replacement Tubes
SELV Lighting
LED Backlighting
Signage and Outdoor Lighting
General Purpose Low-Voltage Industrial and Consumer Applications
Bandgap
Shutdown
n LED
L1
3, 5
4
RS
CVP
VIN
CVDD
REN
6 to 30 VDC
6
7
RVDD
EN
FB
VDD
OVP
AGND
ZLED7015
Bias & Reference
9
LDO
VP
CIN
2
C1
D1
Oscillator
COUT
C2
LX
COVP
RS
S
R
Q
+
–
∑
Current
Limit
Over-Voltage
Protection
Ramp Gen
Slope Compensation
Current Sense
VREF
Thermal
Protection
R2
R1
1
PGND
10
ZLED7015 Block Diagram
Ordering Information
Product Sales Code
Description
Package
ZLED7015-ZI1R
ZLED7015
– 1.0MHz Boost Converter with Internal 35V Switch
MSOP-10 (Tape & Reel)
ZLED7015KIT-E1
ZLED7015-E1 Evaluation Board, 1 ZLED-PCB10, and 5 ZLED7015 ICs
Kit
Sales and Further Information
www.zmdi.com
LED_Drivers@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
275 South 5th Avenue
Pocatello, ID 83201
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7.533
Fax
+49.351.8822.8.7533
Phone +1.208.478.7200
Fax
+1.208.478.7200
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or any
other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com