Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8178 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PC8178
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PC8178 Datasheet(HTML) 2 Page - California Eastern Labs

  PC8178 Datasheet HTML 1Page - California Eastern Labs PC8178 Datasheet HTML 2Page - California Eastern Labs PC8178 Datasheet HTML 3Page - California Eastern Labs PC8178 Datasheet HTML 4Page - California Eastern Labs PC8178 Datasheet HTML 5Page - California Eastern Labs PC8178 Datasheet HTML 6Page - California Eastern Labs PC8178 Datasheet HTML 7Page - California Eastern Labs PC8178 Datasheet HTML 8Page - California Eastern Labs PC8178 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
µPC8178TK-E2
µPC8178TK-E2-A
6-pin lead-less minimold
(1511) (Pb-Free)
Note
6B
• Embossed tape 8 mm wide
• Pin 1, 2, 3 face the perforation side of the tape
• Qty 5 kpcs/reel
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC8178TK
PRODUCT LINE-UP (TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω)
Parameter
1.0 GHz output port
matching frequency
1.66 GHz output port
matching frequency
1.9 GHz output port
matching frequency
2.4 GHz output port
matching frequency
Marking
Part No.
ICC
(mA)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
µPC8178TB
1.9
11.0
39.0
−4.0
−
−
−
11.5
40.0
−7.0
11.5
38.0
−7.5
C3B
µPC8178TK
1.9
11.0
40.0
−5.5
−
−
−
11.0
41.0
−8.0
11.0
42.0
−8.0
6B
µPC8179TB
4.0
13.5
44.0
+3.0
−
−
−
15.5
42.0
+1.5
15.5
41.0
+1.0
C3C
µPC8128TB
2.8
12.5
39.0
−4.0
13.0
39.0
−4.0
13.0
37.0
−4.0
−
−
−
C2P
µPC8151TB
4.2
12.5
38.0
+2.5
15.0
36.0
+1.5
15.0
34.0
+0.5
−
−
−
C2U
µPC8152TB
5.6
23.0
40.0
−4.5
19.5
38.0
−8.5
17.5
35.0
−8.5
−
−
−
C2V
Remarks 1. Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
2. To know the associated product, please refer to each latest data sheet.
Data Sheet PU10063EJ02V0DS
2
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com